PART |
Description |
Maker |
047901.5MXEP 0479002.MXEP 0479005.MXEP 047902.5MXE |
2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
|
Littelfuse
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
CCK140-200A CCK225-300A CCL80-120A CCK1-15A CCK20- |
Fork-Lift and Stud-Mounted Fuses Limiter dual-element time-delay lift-truck fuse. 160 amperes, 72 Volts DC. Interrupting rating: 10,000 amperes. Limiter fast acting lift-truck fuse. 200 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 250 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter fast-acting lift-truck fuse. 150 amperes, 32 Volts DC. Interrupting rating: 10,000 amperes. Limiter fast acting lift-truck fuse. 125 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 100 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 200 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 400 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 700 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 600 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter dual-element time-delay lift-truck fuse. 200 amperes, 72 Volts DC. Interrupting rating: 10,000 amperes. Limiter fast acting lift-truck fuse. 325 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 350 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 500 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter dual-element time-delay lift-truck fuse. 100 amperes, 130 Volts DC. Interrupting rating: 10,000 amperes. Fork-Lift and Stud-Mounted Fuses 自动装填和良种式保险 Limiter fast acting lift-truck fuse. 225 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 300 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 500 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter dual-element time-delay lift-truck fuse. 225 amperes, 48 Volts DC. Interrupting rating: 10,000 amperes. Limiter fast acting lift-truck fuse. 250 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 150 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 325 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 275 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 350 amperes, 48 Volts DC, 75 Volts AC. Interrupting rating: 2,500 amperes. Limiter fast-acting lift-truck fuse. 100 amperes, 32 Volts DC. Interrupting rating: 10,000 amperes. Limiter fast acting lift-truck fuse. 275 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter fast acting lift-truck fuse. 400 amperes, 32 Volts DC. Interrupting rating: 2,500 amperes. Limiter dual-element time-delay lift-truck fuse. 300 amperes, 48 Volts DC. Interrupting rating: 10,000 amperes.
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
031301.2MXP 0312.150HXP 0312.150MXP 031801.8HXP 03 |
312/318 Series Lead-Free 3AG, Fast-Acting Fuse FAST BLOW ELECTRIC FUSE, 0.031A, 250VAC, 35A (IR), INLINE/HOLDER 312/318 Series Lead-Free 3AG, Fast-Acting Fuse
|
Littelfuse
|
00343851 34.3866 |
Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), INLINE/HOLDER
|
Schurter Inc.
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
216025 216080 216315 216800 216001 216002 216004 2 |
5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
021606.3MXB940P 0216.630MXEP 0216.630HXP 0216.630M |
216 Series, 5 x 20 mm, Fast-Acting Fuse
|
Littelfuse
|
0332009.MXP 0332006.HXP 0322009.MXP 0322009.HXP 03 |
VERY FAST BLOW ELECTRIC FUSE, 9A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER ROHS COMPLIANT 322/332 Series Lead-free 3AB, Very Fast-acting Fuse VERY FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 7A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER
|
Synergy Microwave, Corp. Littelfuse
|
|